Part Number Hot Search : 
PM515D MC74HC76 AOL1712 SSP2N60 ADP17210 ICM7115 P1013 S10K11
Product Description
Full Text Search
 

To Download KTC4793 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
POWER AMPLIFIER APPLICATIONS. DRIVER STAGE AMPLIFIER APPLICATINS. FEATURES
High Transition Frequency : fT=100MHz(Typ.) Complementary Pair with KTA1837.
U E
KTC4793
TRIPLE DIFFUSED NPN TRANSISTOR
A
C
S
DIM A B C D E F
R
L
L M
T
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range Ta=25 Tc=25
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg
RATING 230 230 5 1 0.1 2.0 20 150 -55 150
UNIT V V V A A W
O
D
D
N T
N T
J
MAXIMUM RATING (Ta=25
)
G H J K L M N O P Q R S T U V
V
H
1
2
Q
3
MILLIMETERS 10.30 MAX 15.30 MAX 2.70 0.30 0.85 MAX 3.20 0.20 3.00 0.30 12.30 MAX 0.75 MAX 13.60 0.50 3.90 MAX 1.20 1.30 2.54 4.50 0.20 6.80 2.60 0.20 10 25 5 0.5 2.60 0.15
F G B
1. BASE 2. COLLECTOR
K
3. EMITTER
TO-220IS
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance
)
TEST CONDITION VCB=230V, IE=0 VEB=5V, IC=0 IC=10mA, IB=0 VCE=5V, IC=100mA IC=500mA, IB=50mA VCE=5V, IC=500mA VCE=10V, IC=100mA VCB=10V, IE=0, f=1MHz MIN. 230 100 TYP. 100 20 MAX. 1.0 1.0 320 1.5 1.0 V V MHz pF UNIT A A V
SYMBOL ICBO IEBO V(BR)CEO hFE VCE(sat) VBE fT Cob
2003. 2. 17
Revision No : 1
P
1/2
KTC4793
I C - V CE
1.0 COLLECTOR CURRENT I C (A) 0.8 0.6 0.4
I B=2mA
I C - V BE
1.0 COLLECTOR CURRENT I C (A)
10 8 6 COMMON EMITTER VCE =5V
20
0.8 0.6 0.4 0.2 0
4
Tc=100 C
25
-25
0.2 0 0 2 4
COMMON EMITTER Tc=25 C
6
8
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
COLLECTOR-EMITTER VOLTAGE VCE (V)
BASE-EMITTER VOLTAGE VBE (V)
h FE - I C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V) 500 DC CURRENT GAIN hFE 300
Tc=100 C Tc=25 C COMMON EMITTER VCE =5V
VCE(sat) - I C
1 0.5 0.3
COMMON EMITTER I C /IB=10
Tc=100 C
100
Tc=-25 C
0.1 0.05 0.03 0.01 0.003
25 -25
50 30
10 0.003
0.01
0.03
0.1
0.3
1
0.01
0.03
0.1
0.3
1
3
COLLECTOR CURRENT I C (A)
COLLECTOR CURRENT I C (A)
SAFE OPERATING AREA fT - IC
TRANSITION FREQUENCY f T (MHz) 300 COLLECTOR CURRENT I C (A) 1 0.5 0.3 3
I C MAX(PULSED) I C MAX (CONTINOUS) 1ms 10ms 100ms
N IO AT ER OP 25 C DC Tc=
100 50 30
COMMON EMITTER VCE =10V Tc=25 C
0.1 0.05 0.03
0
5
10
30
100
300
1k 0.01 1
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
COLLECTOR CURRENT I C (mA)
3
5
10
30 50 100
300 500
COLLECTOR-EMITTER VOLTAGE VCE (V)
2003. 2. 17
Revision No : 1
VCEO MAX.
SINGLE NONREPETITIVE PULSE Tc=25 C
2/2


▲Up To Search▲   

 
Price & Availability of KTC4793

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X